PART |
Description |
Maker |
MSK5130-12ZD MSK5130-00ZD |
12V, High current, low dropout voltage regulator Adj, High current, low dropout voltage regulator
|
M.S. Kennedy Corp.
|
B29150 B29150J B29150S B29150T B29151/2/3J B29151/ |
5V dual 1.5A high current low dropout voltage regulator 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 1.5A的高电流低压差稳压器可调 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 12V dual 1.5A high current low dropout voltage regulator Adjustable dual 1.5A high current low dropout voltage regulator
|
List of Unclassifed Manufacturers ETC BayLinear
|
IRU1117CS IRUB1117CD IRUB1117CS IRUB1117CY IRU1117 |
0.8A Adj LDO Linear Regulator in a SOIC 8-Lead package 0.8A Adj LDO Linear Regulator in a SOT-223 3-Leads package 800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR 800mA的低压差型正,可调式稳压 RES 0805 3K60 0.1W 1% 150V 100PPM/C
|
Analog Integrations, Corp. IRF[International Rectifier]
|
AP1116YLA |
Adj; 0.5 A low dropout positive adjustable or fixed-mode regulator
|
Anachip
|
B1129-3.3 B1129-5.0 B1129N-ADJ B1129S-ADJ |
1.00Amp High Current Low Dropout Voltage Regulator Adjustable & Fix Adjustable 1.00A high current low dropout voltage regulator
|
BayLinear
|
L1138G-28-AB5-R |
2.8 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO5 HALOGEN FREE, SOT-89, 5 PIN HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
|
Unisonic Technologies Co., Ltd.
|
ADP3331 ADP3331ART ADP3331ART-REEL7 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy, Ultra-Low Quiescent Current LDO; SOT-23 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
P4SMA75A P4SMA7.5CA P4SMA8.2A P4SMA480CA P4SMA7.5A |
Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors 硅雪崩二极管- 400W表面贴装瞬态电压Supressors Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 硅雪崩二极管- 400W表面贴装瞬态电压Supressors Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 Single Output LDO, 250mA, Adj.(1.22 to 5.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 Enhanced Product Ultralow-Noise High Psrr Fast Rf 200-Ma Low-Dropout Linear Regulators 5-SOT-23 -40 to 125 Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
|
http:// Won-Top Electronics Co., Ltd. Littelfuse, Inc.
|
MSK5116-5.0ZU MSK5116-1.5ETD MSK5116-1.5ETS MSK511 |
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 1.9 V FIXED POSITIVE LDO REGULATOR, 0.625 V DROPOUT, PSFM5 HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 1.9 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5 HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 0.625 V DROPOUT, PSFM5 HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 1.7 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5 HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
MS KENNEDY CORP M.S. Kennedy, Corp. MSK[M.S. Kennedy Corporation] M.S. Kennedy Corporatio...
|
ZXCL5213V40 ZXCL5213V33 ZXCL5213V30 ZXCL5213V28 ZX |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO5 MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
NJW4184 |
High Voltage Very low current consumption Io=300mA Low Dropout Regulator
|
New Japan Radio
|